Part Number Hot Search : 
C1502 T8050 G6XB80 SPP34 GL34J C200A MA6D49 AON6546
Product Description
Full Text Search
 

To Download BAS19LT107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS19LT1, BAS20LT1, BAS21LT1, BAS21DW5T1
Preferred Devices
High Voltage Switching Diode
Features
* Pb-Free Packages are Available
MAXIMUM RATINGS
Rating Continuous Reverse Voltage BAS19 BAS20 BAS21 Repetitive Peak Reverse Voltage BAS19 BAS20 BAS21 Continuous Forward Current Peak Forward Surge Current Junction and Storage Temperature Range Power Dissipation (Note 1) Electrostatic Discharge Symbol VR Value 120 200 250 120 200 250 200 625 -55 to +150 385 HM < 500 MM < 400 Unit Vdc
http://onsemi.com
HIGH VOLTAGE SWITCHING DIODE
SOT-23 3 1 CATHODE ANODE SC-88A 5 1 CATHODE ANODE 4 CATHODE mAdc mAdc C mW V V 1 2 SOT-23 (TO-236) CASE 318 STYLE 8 1 3 3 ANODE
VRRM
Vdc
IF IFM(surge) TJ, Tstg PD ESD
MARKING DIAGRAMS
3 Jx M G G 2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Mounted on FR-5 Board = 1.0 x 0.75 x 0.062 in.
5 3 1 SC-88A (SOT-353) CASE 419A 1
4 Jx M G G 2 3
x = P, R, or S P = BAS19LT1 R = BAS20LT1 S = BAS21LT1 or BAS21DW5T1 M = Date Code G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon the manufacturing location.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2007
January, 2007 - Rev. 9
1
Publication Order Number: BAS19LT1/D
BAS19LT1, BAS20LT1, BAS21LT1, BAS21DW5T1
THERMAL CHARACTERISTICS (SOT-23)
Characteristic Total Device Dissipation FR-5 Board (Note 2) TA = 25C Derate above 25C Thermal Resistance Junction-to-Ambient (SOT-23) Total Device Dissipation Alumina Substrate (Note 3) TA = 25C Derate above 25C Thermal Resistance Junction-to-Ambient Junction and Storage Temperature Range Symbol PD Max 225 1.8 RqJA PD 556 300 2.4 RqJA TJ, Tstg 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
THERMAL CHARACTERISTICS (SC-88A)
Characteristic Power Dissipation (Note 4) Thermal Resistance - Junction-to-Ambient Derate Above 25C Maximum Junction Temperature Operating Junction and Storage Temperature Range 2. FR-5 = 1.0 0.75 0.062 in. 3. Alumina = 0.4 0.3 0.024 in. 99.5% alumina. 4. Mounted on FR-5 Board = 1.0 x 0.75 x 0.062 in. Symbol PD RqJA Max 385 328 3.0 150 -55 to +150 Unit mW C/W mW/C C C
TJmax TJ, Tstg
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Reverse Voltage Leakage Current (VR = 100 Vdc) (VR = 150 Vdc) (VR = 200 Vdc) (VR = 100 Vdc, TJ = 150C) (VR = 150 Vdc, TJ = 150C) (VR = 200 Vdc, TJ = 150C) Reverse Breakdown Voltage (IBR = 100 mAdc) (IBR = 100 mAdc) (IBR = 100 mAdc) Forward Voltage (IF = 100 mAdc) (IF = 200 mAdc) Diode Capacitance (VR = 0, f = 1.0 MHz) Reverse Recovery Time (IF = IR = 30 mAdc, IR(REC) = 3.0 mAdc, RL = 100) BAS19 BAS20 BAS21 BAS19 BAS20 BAS21 BAS19 BAS20 BAS21 Symbol IR Min - - - - - - 120 200 250 - - - - Max 0.1 0.1 0.1 100 100 100 - - - Vdc 1.0 1.25 5.0 50 pF ns Unit mAdc
V(BR)
Vdc
VF
CD trr
http://onsemi.com
2
BAS19LT1, BAS20LT1, BAS21LT1, BAS21DW5T1
820 W +10 V 2.0 k 100 mH 0.1 mF D.U.T. 50 W OUTPUT PULSE GENERATOR 50 W INPUT SAMPLING OSCILLOSCOPE VR 90% IR INPUT SIGNAL IR(REC) = 3.0 mA OUTPUT PULSE (IF = IR = 30 mA; MEASURED at IR(REC) = 3.0 mA) IF 0.1 mF tr 10% tp t IF trr t
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 30 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
1200 FORWARD VOLTAGE (mV) REVERSE CURRENT (nA) 1000 800 600 400 200 1 TA = -55C 25C 7000 6000 5000 4000 3000 6 5 4 3 2 1 0
TA = 150C
150C
TA = 25C TA = -55C 1 2 5 10 20 50 100 200 300
1
10
100
1000
FORWARD CURRENT (mA)
REVERSE VOLTAGE (V)
Figure 2. Forward Voltage
Figure 3. Reverse Leakage
http://onsemi.com
3
BAS19LT1, BAS20LT1, BAS21LT1, BAS21DW5T1
ORDERING INFORMATION
Device BAS19LT1 BAS19LT1G BAS19LT3 BAS19LT3G BAS20LT1 BAS20LT1G BAS21LT1 BAS21LT1G BAS21LT3 BAS21LT3G BAS21DW5T1 BAS21DW5T1G Package SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) SC-88A SC-88A (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel 10000 / Tape & Reel 10000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 10000 / Tape & Reel 10000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
4
BAS19LT1, BAS20LT1, BAS21LT1, BAS21DW5T1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08.
D
3 SEE VIEW C
E
1 2
HE c b q 0.25
e
A A1 L L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 8: PIN 1. ANODE 2. NO CONNECTION 3. CATHODE
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035
SCALE 10:1
0.8 0.031
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
BAS19LT1, BAS20LT1, BAS21LT1, BAS21DW5T1
PACKAGE DIMENSIONS
SC-88A, SOT-353, SC-70 CASE 419A-02 ISSUE J
G
A
5
4
S
1 2 3
-B-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. DIM A B C D G H J K N S INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --- 0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --- 0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
D 5 PL
0.2 (0.008)
M
B
M
N J C
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025
0.40 0.0157 1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
BAS19LT1/D


▲Up To Search▲   

 
Price & Availability of BAS19LT107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X